Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1210R Datasheet(PDF) 1 Page - API Delevan

Part # SP1210R
Description  Shielded Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SP1210R Datasheet(HTML) 1 Page - API Delevan

  SP1210R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES
SP1210R
SP1210
Shielded Surface Mount Power Inductors
Physical Parameters
Inches
Millimeters
A
0.118 to 0.138
3.00 to 3.51
B
0.085 to 0.105
2.16 to 2.66
C
0.081 to 0.101
2.06 to 2.57
D
0.016 Min.
0.41 Min.
E
0.041 to 0.061
1.04 to 1.55
F
0.070 (Ref. Only)
1.78 (Ref. Only)
G
0.054 (Ref Only)
1.37 (Ref. Only)
Dimensions "A" and "C" are over terminals.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.287 W
Inductance Measured at 1V with no DC current
Incremental Current The current at which the
inductance will be decreased by a maximum of 5% from its
initial DC value
Marking API, dash number with tolerance letter followed
by a P, date code/lot (YYWWL). Note: An R before the date
code/lot symbol indicates a RoHS component.
Example: SP1210R-102J
API
102JP
R 1028A
Packaging Tape & reel (12mm): 7" reel, 650 pieces
max.; 13" reel, 2500 pieces max.
Coupling 5% Typical (Ref. M83446, 1mm spacing)
Made In the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES SP1210 FERRITE CORE
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
-394K
1870
1720
1580
1420
1290
1180
1060
965
892
784
718
665
601
550
497
454
410
375
336
304
275
249
225
207
189
174
157
143
129
118
106
96
87
79
71
65
1440
1380
1320
1250
1190
1140
1080
1030
992
826
692
665
633
606
576
487
464
400
338
322
306
291
243
212
203
194
185
162
154
147
124
119
100
95
88
80
0.100
0.109
0.119
0.133
0.147
0.160
0.175
0.195
0.211
0.305
0.440
0.470
0.520
0.570
0.630
0.880
0.960
1.3
1.8
2.0
2.2
2.5
3.5
4.6
5.0
5.5
6.1
7.9
8.7
9.6
13.5
14.7
20.7
23.0
26.8
32.4
0.470
0.560
0.680
0.820
1.00
1.20
1.5
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
Optional Tolerances:
J = 5% H = 3% G = 2%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
12/2011
API_newlayouts_single:APIcatalog_newlayouts 12/1/11 6:44 PM Page 65


Similar Part No. - SP1210R

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
SP1213 EFC-SP1213 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
logo
Samsung semiconductor
SP1213N SAMSUNG-SP1213N Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
logo
Electronic Film Capacit...
SP1213TC EFC-SP1213TC Datasheet
14Kb / 1P
Snubber Capacitors Metallized Polypropylene
SP1213TCQ-3-1.0-1.6-1 EFC-SP1213TCQ-3-1.0-1.6-1 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
SP1213TCQ-3-1.0-1.6-2 EFC-SP1213TCQ-3-1.0-1.6-2 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
More results

Similar Description - SP1210R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
Shielded Surface Mount Power Inductors
logo
Bi technologies
HM66A BITECH-HM66A Datasheet
971Kb / 5P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
Shielded Surface Mount Power Inductors
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
Shielded Surface Mount Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com