Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMK-RJS-CS24QBB1 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C4SMK-RJS-CS24QBB1
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C4SMK-RJS-CS24QBB1 Datasheet(HTML) 4 Page - Marktech Corporate

  C4SMK-RJS-CS24QBB1 Datasheet HTML 1Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 2Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 3Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 4Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 5Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 6Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 7Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 8Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CLD-CT1114.000
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreelogoareregisteredtrademarksofCree,Inc.
Order Code Table*
C4SMK
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Red
C4SMK-RJS-CR0U0BB1
550
2130
RB
619
RB
624
Bulk
Red
C4SMK-RJS-CS24QBB1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
RB
619
RB
624
Bulk
Red
C4SMK-RJS-CS44QBB1
Any 4 consecutive sub-bins: S4 (1017) - U1 (1672)
RB
619
RB
624
Bulk
Red
C4SMK-RJS-CT24QBB1
Any 4 consecutive sub-bins: T2 (1205) - U3 (1976)
RB
619
RB
624
Bulk
Red
C4SMK-RJS-CR0U0BB2
550
2130
RB
619
RB
624
Ammo
Red
C4SMK-RJS-CS24QBB2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
RB
619
RB
624
Ammo
Red
C4SMK-RJS-CS44QBB2
Any 4 consecutive sub-bins: S4 (1017) - U1 (1672)
RB
619
RB
624
Ammo
Red
C4SMK-RJS-CT24QBB2
Any 4 consecutive sub-bins: T2 (1205) - U3 (1976)
RB
619
RB
624
Ammo
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Green
C4SMK-GJS-CT0W0791
1100
4180
G7
520
G9
535
Bulk
Green
C4SMK-GJS-CU34Q7S1
Any 4 consecutive sub-bins:U3 (1824) - V4 (3000)
Any1colorbinfromG7(520nm)toG9(535nm)
Bulk
Green
C4SMK-GJS-CU34Q7T1
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green
C4SMK-GJS-CU34Q8T1
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
Any1colorbinfromG8(525nm)toG9(535nm)
Bulk
Green
C4SMK-GJS-CV14Q7S1
Any 4 consecutive sub-bins:V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG9(535nm)
Bulk
Green
C4SMK-GJS-CV14Q7T1
Any 4 consecutive sub-bins:V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green
C4SMK-GJS-CV14Q8T1
Any 4 consecutive sub-bins:V1 (2130) - W2 (3590)
Any1colorbinfromG8(525nm)toG9(535nm)
Bulk
Green
C4SMK-GJS-CV34Q7S1
Any 4 consecutive sub-bins:V3 (2564) - W4 (4180)
Any1colorbinfromG7(520nm)toG9(535nm)
Bulk
Green
C4SMK-GJS-CV34Q7T1
Any 4 consecutive sub-bins:V3 (2564) - W4 (4180)
Any1colorbinfromG7(520nm)toG8(530nm)
Bulk
Green
C4SMK-GJS-CV34Q8T1
Any 4 consecutive sub-bins:V3 (2564) - W4 (4180)
Any1colorbinfromG8(525nm)toG9(535nm)
Bulk
Green
C4SMK-GJS-CT0W0792
1100
4180
G7
520
G9
535
Ammo
Green
C4SMK-GJS-CU34Q7S2
Any 4 consecutive sub-bins:U3 (1824) - V4 (3000)
Any1colorbinfromG7(520nm)toG9(535nm)
Ammo
Green
C4SMK-GJS-CU34Q7T2
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo
Green
C4SMK-GJS-CU34Q8T2
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
Any1colorbinfromG8(525nm)toG9(535nm)
Ammo
Green
C4SMK-GJS-CV14Q7S2
Any 4 consecutive sub-bins:V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG9(535nm)
Ammo
Green
C4SMK-GJS-CV14Q7T2
Any 4 consecutive sub-bins:V1 (2130) - W2 (3590)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo
Green
C4SMK-GJS-CV14Q8T2
Any 4 consecutive sub-bins:V1 (2130) - W2 (3590)
Any1colorbinfromG8(525nm)toG9(535nm)
Ammo
Green
C4SMK-GJS-CV34Q7S1
Any 4 consecutive sub-bins:V3 (2564) - W4 (4180)
Any1colorbinfromG7(520nm)toG9(535nm)
Ammo
Green
C4SMK-GJS-CV34Q7T1
Any 4 consecutive sub-bins:V3 (2564) - W4 (4180)
Any1colorbinfromG7(520nm)toG8(530nm)
Ammo
Green
C4SMK-GJS-CV34Q8T1
Any 4 consecutive sub-bins:V3 (2564) - W4 (4180)
Any1colorbinfromG8(525nm)toG9(535nm)
Ammo



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com