Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMK-RJS-CS24QBB1 Datasheet(PDF) 5 Page - Marktech Corporate

Part # C4SMK-RJS-CS24QBB1
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C4SMK-RJS-CS24QBB1 Datasheet(HTML) 5 Page - Marktech Corporate

  C4SMK-RJS-CS24QBB1 Datasheet HTML 1Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 2Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 3Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 4Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 5Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 6Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 7Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 8Page - Marktech Corporate C4SMK-RJS-CS24QBB1 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT1114.000
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreelogoareregisteredtrademarksofCree,Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
C4SMK-BJS-CQ0T0351
390
1520
B3
460
B5
475
Bulk
Blue
C4SMK-BJS-CQ34Q3S1
Any 4 consecutive sub-bins: Q3 (470) - R4 (770)
Any1colorbinfromB3(460nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CQ34Q4T1
Any 4 consecutive sub-bins: Q3 (470) - R4 (770)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CR14Q3S1
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB3(460nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CR14Q4T1
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CR34Q3S1
Any 4 consecutive sub-bins: R3 (660) - S4(1100)
Any1colorbinfromB3(460nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CR34Q4T1
Any 4 consecutive sub-bins: R3 (660) - S4(1100)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CS14Q3S1
Any 4 consecutive sub-bins: S1 (770) - T2(1310)
Any1colorbinfromB3(460nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CS14Q4T1
Any 4 consecutive sub-bins: S1 (770) - T2(1310)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMK-BJS-CQ0T0352
390
1520
B3
460
B5
475
Ammo
Blue
C4SMK-BJS-CQ34Q3S2
Any 4 consecutive sub-bins: Q3 (470) - R4 (770)
Any1colorbinfromB3(460nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CQ34Q4T2
Any 4 consecutive sub-bins: Q3 (470) - R4 (770)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CR14Q3S2
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB3(460nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CR14Q4T2
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CR34Q3S2
Any 4 consecutive sub-bins: R3 (660) - S4(1100)
Any1colorbinfromB3(460nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CR34Q4T2
Any 4 consecutive sub-bins: R3 (660) - S4(1100)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CS14Q3S2
Any 4 consecutive sub-bins: S1 (770) - T2(1310)
Any1colorbinfromB3(460nm)toB5(475nm)
Ammo
Blue
C4SMK-BJS-CS14Q4T2
Any 4 consecutive sub-bins: S1 (770) - T2(1310)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
C4SMJ
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max. (nm)
Red
C4SMJ-RJS-CQ0T0BB1
390
1520
RB
619
RB
624
Bulk
Red
C4SMJ-RJS-CR34QBB1
Any 4 consecutive sub-bins: R3 (660) - S4 (1100)
RB
619
RB
624
Bulk
Red
C4SMJ-RJS-CS14QBB1
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
RB
619
RB
624
Bulk
Red
C4SMJ-RJS-CS34QBB1
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
RB
619
RB
624
Bulk
Red
C4SMJ-RJS-CQ0T0BB2
390
1520
RB
619
RB
624
Ammo
Red
C4SMJ-RJS-CR34QBB2
Any 4 consecutive sub-bins: R3 (660) - S4 (1100)
RB
619
RB
624
Ammo
Red
C4SMJ-RJS-CS14QBB2
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
RB
619
RB
624
Ammo
Red
C4SMJ-RJS-CS34QBB2
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
RB
619
RB
624
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bincodeswillbeorderableincertainquantities.Forexample,anyfourconsecutivesub-binsfromV1toW2
meanonlyoneintensitybinwithfoursub-binsofthefollowingbrightnessranges(V1-V4,V2-W1,V3-W2)willbe
shippedbyCree.Forexample,anyone-colorbinfromG7toG9meansonlyonecolorbin(G7orG8orG9)willbe
shipped by Cree.
2. Pleaserefertothe“CreeLEDLampReliabilityTestStandards”documentforreliabilitytestconditions.
3. Pleaserefertothe“CreeLEDLampSoldering&Handling”documentforinformationabouthowtousethisLED
productsafely.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com