Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMK-RJS-CS44QBB1 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C4SMK-RJS-CS44QBB1
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C4SMK-RJS-CS44QBB1 Datasheet(HTML) 3 Page - Marktech Corporate

  C4SMK-RJS-CS44QBB1 Datasheet HTML 1Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 2Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 3Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 4Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 5Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 6Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 7Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 8Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CLD-CT1114.000
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreelogoareregisteredtrademarksofCree,Inc.
Intensity Bin Limit (I
F = 20 mA)
Red: C4SMK
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
Color Bin Limit (I
F = 20 mA)
Green: C4SMK
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
Blue: C4SMK
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
Q0
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
Toleranceofmeasurementofluminousintensityis±15%
Toleranceofmeasurementofdominantwavelengthis±1nm
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475
Red: C4SMJ
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
Q0
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com