Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMK-RJS-CS44QBB1 Datasheet(PDF) 6 Page - Marktech Corporate

Part # C4SMK-RJS-CS44QBB1
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C4SMK-RJS-CS44QBB1 Datasheet(HTML) 6 Page - Marktech Corporate

  C4SMK-RJS-CS44QBB1 Datasheet HTML 1Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 2Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 3Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 4Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 5Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 6Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 7Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 8Page - Marktech Corporate C4SMK-RJS-CS44QBB1 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
CLD-CT1114.000
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreelogoareregisteredtrademarksofCree,Inc.
Graphs
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parametersofeachsingleLED.Hence,thesedatawillbechangedwithoutfurthernotice.
FIG.5 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
Ta( C)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
FORWARD CURRENT
IF(mA)
VF(V)
3.4
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
20.0
2.2
0.0
2.8
4.0
4.6 5.0
60.0
40.0
80.0
100.0
IF (mA)
1.6
0.0
1.0
4.0
2.0
3.0
5.0
30
0.0
15
60
45
75
90
0
30
10
20
50
40
40
20
80
60
100
120
0
0
60
20
40
100
80
40
20
80
60
100
120
0
Ta( C)
IF(mA)
-10
REVERSE VOLTAGE.
FIG.3b BLUE & GREEN REVERSE CURRENT VS.
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
-60
Red
Blue
Green
Red
Blue
Green
FIG.4b BLUE & GREEN MAXIMUM
FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=105 C)
FIG.4a RED MAXIMUM FORWARD
DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=105 C)
-10
VS. REVERSE VOLTAGE.
FIG.3a RED REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
-60
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
FIG.6 RED & BLUE&GREEN FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
0.5
1.0
30
20
10
40
50
60
70
80
90
H-H
V-V
(RELATIVE LUMINOUS INTENSITY)
-90
-60
-30
0
0
0
0.5
1.0
0.5
1.0
30
20
10
40
50
60
70
80
90
H-H
V-V
(RELATIVE LUMINOUS INTENSITY)
C4SMK-BJS/GJS:
C4SMK-RJS&C4SMJ-RJS:
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
Blue
Red
Green



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com