Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMF-RJS Datasheet(PDF) 3 Page - Marktech Corporate

Part # C5SMF-RJS
Description  Cree짰 Screen Master짰 5-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C5SMF-RJS Datasheet(HTML) 3 Page - Marktech Corporate

  C5SMF-RJS Datasheet HTML 1Page - Marktech Corporate C5SMF-RJS Datasheet HTML 2Page - Marktech Corporate C5SMF-RJS Datasheet HTML 3Page - Marktech Corporate C5SMF-RJS Datasheet HTML 4Page - Marktech Corporate C5SMF-RJS Datasheet HTML 5Page - Marktech Corporate C5SMF-RJS Datasheet HTML 6Page - Marktech Corporate C5SMF-RJS Datasheet HTML 7Page - Marktech Corporate C5SMF-RJS Datasheet HTML 8Page - Marktech Corporate C5SMF-RJS Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
CLD-CT201.003
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Intensity Bin Limit (I
F = 20 mA)
Green:C5SMF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
X0
X1
4180
4600
X2
4600
5020
X3
5020
5440
X4
5440
5860
Y0
Y1
5860
6445
Y2
6445
7030
Y3
7030
7615
Y4
7615
8200
Blue:C5SMF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
Red: C5SMF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
Red: C5SME
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
Toleranceofmeasurementofluminousintensityis±15%
Color Bin Limit (I
F = 20 mA)
Toleranceofmeasurementofdominantwavelengthis±1nm
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com