Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMF-RJS Datasheet(PDF) 8 Page - Marktech Corporate

Part # C5SMF-RJS
Description  Cree짰 Screen Master짰 5-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C5SMF-RJS Datasheet(HTML) 8 Page - Marktech Corporate

Back Button C5SMF-RJS Datasheet HTML 2Page - Marktech Corporate C5SMF-RJS Datasheet HTML 3Page - Marktech Corporate C5SMF-RJS Datasheet HTML 4Page - Marktech Corporate C5SMF-RJS Datasheet HTML 5Page - Marktech Corporate C5SMF-RJS Datasheet HTML 6Page - Marktech Corporate C5SMF-RJS Datasheet HTML 7Page - Marktech Corporate C5SMF-RJS Datasheet HTML 8Page - Marktech Corporate C5SMF-RJS Datasheet HTML 9Page - Marktech Corporate C5SMF-RJS Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
CLD-CT201.003
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Mechanical Dimensions
Alldimensionsareinmm.Toleranceis±0.25mmunlessotherwisenoted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burraroundbottomofepoxymaybe0.5mmmax.
Notes
RoHS Compliance
Thelevelsofenvironmentallysensitive,persistentbiologicallytoxic(PBT),persistentorganicpollutants(POP),or
otherwiserestrictedmaterialsinthisproductarebelowthemaximumconcentrationvalues(alsoreferredtoasthe
thresholdlimits)permittedforsuchsubstances,orareusedinanexemptedapplication,inaccordancewithEUDirec-
tive2002/95/EContherestrictionoftheuseofcertainhazardoussubstancesinelectricalandelectronicequipment
(RoHS),asamendedthroughApril21,2006.
Vision Advisory Claim
UsersshouldbecautionednottostareatthelightofthisLEDproduct.Thebrightlightcandamagetheeye.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com