Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C-WAS Datasheet(PDF) 7 Page - Marktech Corporate

Part # C503C-WAS
Description  Cree짰 5-mm Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C-WAS Datasheet(HTML) 7 Page - Marktech Corporate

  C503C-WAS Datasheet HTML 1Page - Marktech Corporate C503C-WAS Datasheet HTML 2Page - Marktech Corporate C503C-WAS Datasheet HTML 3Page - Marktech Corporate C503C-WAS Datasheet HTML 4Page - Marktech Corporate C503C-WAS Datasheet HTML 5Page - Marktech Corporate C503C-WAS Datasheet HTML 6Page - Marktech Corporate C503C-WAS Datasheet HTML 7Page - Marktech Corporate C503C-WAS Datasheet HTML 8Page - Marktech Corporate C503C-WAS Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CLD-CT1098.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
C503C-WAS:
C503C-WAN:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com