Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C-WAS Datasheet(PDF) 1 Page - Marktech Corporate

Part # C503C-WAS
Description  Cree짰 5-mm Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C-WAS Datasheet(HTML) 1 Page - Marktech Corporate

  C503C-WAS Datasheet HTML 1Page - Marktech Corporate C503C-WAS Datasheet HTML 2Page - Marktech Corporate C503C-WAS Datasheet HTML 3Page - Marktech Corporate C503C-WAS Datasheet HTML 4Page - Marktech Corporate C503C-WAS Datasheet HTML 5Page - Marktech Corporate C503C-WAS Datasheet HTML 6Page - Marktech Corporate C503C-WAS Datasheet HTML 7Page - Marktech Corporate C503C-WAS Datasheet HTML 8Page - Marktech Corporate C503C-WAS Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Round LED
C503C-WAS/WAN
Data Sheet
Round LEDs offer superior light output for excellent readability in sunlight
and dependable performance. They provide extremely stable light output
over long periods of time.
These lamps are made with an advanced optical-grade epoxy offering
superior high-temperature and high-moisture-resistance performance in
lighting and illumination applications.
FEATURES
• Size (mm): 5
• Color Temperatures (K):
»
Cool White: Min. (4600) / Typical (9000)
• Luminous Intensity (mcd)
»
C503C-WAS/WAN (16800-39500)
• Viewing Angle: 15 degree
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Torch
• Light Strip
• Channel Letter
• Retail Display Lighting


Similar Part No. - C503C-WAS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAS CREE-C503C-WAS Datasheet
722Kb / 9P
5-mm Round LED
C503C-WAS-CBaDa151 CREE-C503C-WAS-CBaDa151 Datasheet
722Kb / 9P
5-mm Round LED
C503C-WAS-CBaDa152 CREE-C503C-WAS-CBaDa152 Datasheet
722Kb / 9P
5-mm Round LED
C503C-WAS-CBbDa231 CREE-C503C-WAS-CBbDa231 Datasheet
722Kb / 9P
5-mm Round LED
C503C-WAS-CBbDa232 CREE-C503C-WAS-CBbDa232 Datasheet
722Kb / 9P
5-mm Round LED
More results

Similar Description - C503C-WAS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
Cree짰 5-mm Red and Amber Round LEDs
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
Cree짰 5-mm Round LED
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
Cree짰 5mm Round LED
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
Cree짰 5mm Round LED
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com