Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW-CWbXbAA3 Datasheet(PDF) 4 Page - Marktech Corporate

Part # CLM4B-RKW-CWbXbAA3
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM4B-RKW-CWbXbAA3 Datasheet(HTML) 4 Page - Marktech Corporate

  CLM4B-RKW-CWbXbAA3 Datasheet HTML 1Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 2Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 3Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 4Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 5Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 6Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 7Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CLD-CT1087.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CLM4B-RKW-CWaXbAA3
120
1120
2800
RA
618
RA
630
Red
CLM4B-RKW-CWbXbAA3
120
1400
2800
RA
618
RA
630
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
CLM4B-AKW-CWaXb263
120
1120
2800
A2
584
A6
599
Amber
CLM4B-AKW-CWbXb353
120
1400
2800
A3
587
A5
596
Notes:
1. The above kit numbers represent order codes which include multiple intensity-bin and color-bin codes.
Only one intensity-bin code and one color-bin code will be shipped on each reel.
Single intensity-bin code and single color-bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com