Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW-CWbXbAA3 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CLM4B-RKW-CWbXbAA3
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM4B-RKW-CWbXbAA3 Datasheet(HTML) 1 Page - Marktech Corporate

  CLM4B-RKW-CWbXbAA3 Datasheet HTML 1Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 2Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 3Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 4Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 5Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 6Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 7Page - Marktech Corporate CLM4B-RKW-CWbXbAA3 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
SMD LEDs is packaged in the industry standard package. These LEDs have
high reliability performance and are designed to work under a wide range of
environmental conditions. This high reliability feature makes them ideally
suited to be used under architectural lighting application conditions.
Its wide viewing angle makes these LEDs ideally suited for channel letter,
or architectural lighting applications. The flat top emitting surface makes
it easy for these LEDs to mate with light pipes.
FEATURES
• Size (mm): 3.2 x 2.7
• Color and Typical Dominant Wavelength (nm):
Red (624)
Amber (591)
• Luminous Intensity (mcd)
CLM4B-RKW (1120-2800)
CLM4B-AKW (1120-2800)
• Viewing Angle: 120 degree
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Light Strip
• Channel Letter
• Architectural Lighting
Cree® PLCC4 1 in 1 SMD LED
CLM4B-RKW&AKW
Data Sheet


Similar Part No. - CLM4B-RKW-CWbXbAA3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-RKW-CWBXBAA3 CREE-CLM4B-RKW-CWBXBAA3 Datasheet
439Kb / 8P
1 in 1 SMD LED
More results

Similar Description - CLM4B-RKW-CWbXbAA3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA1A-WKW MARKTECH-CLA1A-WKW Datasheet
542Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2B-REW MARKTECH-CLM2B-REW Datasheet
484Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com