Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSK5DKA131A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSK5DKA131A
Description  10mm Roundd Pink LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSK5DKA131A Datasheet(HTML) 1 Page - OptoSupply International

  OSK5DKA131A_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
10
0m
mm
m R
Ro
ou
un
nd
d Pink L
LE
ED
D
OSK5DKA131A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
10mm Round Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
1 2
10.0
10.0
2.54
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
3000
4500
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.17
-
50% Power Angle
2θ1/2
IF=20mA
-
30
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0


Similar Part No. - OSK5DKA131A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DKA131A OPTOSUPPLY-OSK5DKA131A Datasheet
137Kb / 1P
10mm Round Pink LED
More results

Similar Description - OSK5DKA131A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5D3A131U OPTOSUPPLY-OSK5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Pink LED
OSK5D3A151R OPTOSUPPLY-OSK5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pink LED
OSK5DAA131A OPTOSUPPLY-OSK5DAA131A Datasheet
96Kb / 1P
10mm Round Pink LED
OSK5DAA201A OPTOSUPPLY-OSK5DAA201A Datasheet
96Kb / 1P
10mm Bullet Pink LED
OSK5DLA131A OPTOSUPPLY-OSK5DLA131A Datasheet
96Kb / 1P
10mm Round Pink LED
OSK5DLA201A OPTOSUPPLY-OSK5DLA201A Datasheet
96Kb / 1P
10mm Bullet Pink LED
OSK5XLA151R OPTOSUPPLY-OSK5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Pink LED
OSK5DKA131A OPTOSUPPLY-OSK5DKA131A Datasheet
137Kb / 1P
10mm Round Pink LED
OSK5DKA201A OPTOSUPPLY-OSK5DKA201A Datasheet
137Kb / 1P
10mm Bullet Pink LED
OSW5DKA131A OPTOSUPPLY-OSW5DKA131A_11 Datasheet
158Kb / 1P
10mm Roundd Pure White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com