Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL31 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL31
Description  PHOTODARLINGTON OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL31 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL31 Datasheet HTML 1Page - Siemens Semiconductor Group IL31 Datasheet HTML 2Page - Siemens Semiconductor Group IL31 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL/D/Q30/31/55
Figure 8. Switching waveforms
Figure 9. Switching schematic
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
RC
VCC=13.5 V
F=10 KHz,
DF=50%
IF=50 mA
Figure 5. Hfe current gain versus base current
Figure 6. Low to high propagation delay versus collector
load resistance and LED current
Figure 7. High to low propagation delay versus collector
load resistance and LED current
100
10
1
.1
.01
0
2000
4000
6000
8000
10000
12000
Base Current
Vce=5V
Vce=1V
Ta=25
°C
0
5
10
15
20
0
20
40
60
80
Ta = 25
°C, Vcc = 5V
Vth = 1.5 V
220
Ω
470
Ω
1K
Ω
g
IF - LED Current - mA
100
Ω
0
5
10
15
20
0
5
10
15
20
100
Ω
1K
Ω
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com