Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL31 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL31
Description  PHOTODARLINGTON OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL31 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL31 Datasheet HTML 1Page - Siemens Semiconductor Group IL31 Datasheet HTML 2Page - Siemens Semiconductor Group IL31 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Current Transfer Ratio
IL/ILD/ILQ30/55, 100% min.
IL/ILD/ILQ31, 200% min.
•
125 mA Load Current Rating
• Fast Rise Time, 10
µS
• Fast Fall Time, 35
µS
• Single, Dual and Quad Channel
• Solid State Reliability
• Standard DIP Packages
• Underwriters Lab File #E52744
•
VDE 0884 Available with Option 1
DESCRIPTION
The IL30/31/55, ILD30/31/55, and ILQ30/31/55 are
optically coupled isolators wih Gallium Arsenide
infrared emitters and silicon photodarlington sen-
sors. Switching can be achieved while maintaining
a high degree of isolation between driving and
load circuits, with no crosstalk between channels.
These optocouplers can be used to replace reed
and mercury relays with advantages of long life,
high speed switching and elimination of magnetic
fields.
The Il30/31/55 are equivalent to MCA230/MCA231/
MCA255. The ILD30/31/55 re designed to reduce
board space requirements in high density applica-
tions.
Maximum Ratings
Emitter (each channel)
Peak Reverse Voltage........................................ 3 V
Continuous Forward Current......................... 60 mA
Power Dissipation at 25
°C ......................... 100 mW
Derate Linearly from 25
°C ................... 1.33 mW/°C
Detector (each channel)
Collector-Emitter Breakdown Voltage
IL/D/Q30....................................................... 30 V
IL/D/Q55....................................................... 55 V
Collector (Load) Current ............................. 125 mA
Power Dissipation at 25
°C Ambient........... 150 mW
Derate Linearly from 25
°C ..................... 2.0 mW/°C
Package
Total Package Power Dissipation at 25
°C
IL30/31/55................................................ 250 mW
ILD30/31/55 ............................................. 400 mW
ILQ30/31/55 ............................................. 500 mW
Derate Linearly from 25
°C
IL30/31/55............................................ 3.3 mW/
°C
ILD30/31/55 ....................................... 5.33 mW/
°C
ILQ30/31/55 ....................................... 6.67 mW/
°C
Isolation Test Voltage ........................ 5300 VACRMS
Creepage................................................7 mm min.
Clearance ...............................................7 mm min.
Comparative Tracking Index............................. 175
Storage Temperature ................... –55
°C to +125°C
Operating Temperature................ –55
°C to +100°C
Lead Soldering Time at 260
°C ....................10 sec.
V
DE
.008 (.20)
.012 (.31)
.130 (3.30)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.280 (7.11)
.330 (8.38)
.020 (.51)
.030 (.76)
.300 (7.62)
typ.
3
° to 9°
.0255 (.65)
typ.
.100 (2.54) typ.
.040 (1.02)
.050 (1.27)
.016 (.41)
.020 (.51)
1
2
3
.240 (6.10)
.260 (6.60)
.780 (19.81)
.800 (20.32)
Pin
one
I.D.
14
9
8
.048 (1.22)
.052 (1.32)
.033 (.84)
typ.
16
15
.034 (.86)
6
7
4
5
10
11
12
13
.014
(.35)
typ.
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin one I.D.
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
.255 (6.48)
.268 (6.81)
3
4
6
5
.379 (9.63)
.390 (9.91)
.030 (.76)
.045 (1.14)
4
°
typ.
.100 (2.54) typ.
10
°
typ.
3
°–9°
.305 typ.
(7.75) typ.
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.115 (2.92)
.135 (3.43)
1
2
8
7
Pin one I.D.
.130 (3.30
.150 (3.81)
.030 (.76 )
.040 (1.02)
8
7
6
5
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
1
2
3
4
Emitter
Collector
Collector
Emitter
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
Anode
Cathode
Cathode
Anode
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
6
5
4
NC
Collector
Emitter
Anode
Cathode
NC
Dimensions in inches (mm)
Quad Channel
Dual Channel
Single Channel
SINGLE CHANNEL
IL30/31/55
DUAL CHANNEL
ILD30/31/55
QUAD CHANNEL
ILQ30/31/55
PHOTODARLINGTON OPTOCOUPLER


Similar Part No. - IL31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL31 VISHAY-IL31 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
IL31 VISHAY-IL31 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
logo
Integral Corp.
IL311 INTEGRAL-IL311 Datasheet
291Kb / 2P
Highly Flexible Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311 Datasheet
131Kb / 3P
High Performance Voltage Comparators
IL311 IKSEMICON-IL311 Datasheet
120Kb / 3P
High Performance Voltage Comparators
More results

Similar Description - IL31

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com