Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N50ZL-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N50ZL-T92-R
Description  1.3A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50ZL-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1N50ZL-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N50Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-726.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous (TC=25°C)
ID
1.3 (Note 2)
A
Pulsed (Note 3)
IDM
5 (Note 2)
A
Avalanche Current (Note 3)
IAR
1.3
A
Avalanche Energy
Single Pulsed (Note 4)
EAS
113
mJ
Repetitive (Note 5)
EAR
2.6
mJ
Power Dissipation
PD
40
W
Derate above 25°C
0.32
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature
4. L = 120mH, IAS = 1.3A, VDD = 50V, RG = 27Ω, Starting TJ = 25°C
5. ISD ≤ 1.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
3.13
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
1
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+5
µA
Reverse
VGS=-20V, VDS=0V
-5
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.65A
4.6
6.0
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
220 290
pF
Output Capacitance
COSS
30
35
pF
Reverse Transfer Capacitance
CRSS
11
13
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com