Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N50ZL-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N50ZL-T92-R
Description  1.3A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50ZL-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N50ZL-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N50ZL-T92-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N50Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-726.b
1.3A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N50Z is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 1N50Z is generally applied in high efficiency switch
mode power supplies, active power factor correction and electronic
lamp ballasts based on half bridge topology.
FEATURES
* RDS(ON)=4.6Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
2.Drain
3.Source
1.Gate
TO-92
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
1N50ZL-T92-B
1N50ZG-T92-B
TO-92
G
D
S
Tape Box
1N50ZL-T92-K
1N50ZG-T92-K
TO-92
G
D
S
Bulk
1N50ZL-T92-R
1N50ZG-T92-R
TO-92
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 1N50ZL-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50ZL-T92-B UTC-1N50ZL-T92-B Datasheet
256Kb / 7P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
1N50ZL-T92-K UTC-1N50ZL-T92-K Datasheet
256Kb / 7P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 1N50ZL-T92-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
1.3A, 600V N-Channel MOSFET
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
1.3A, 600V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
logo
Unisonic Technologies
1N50_1109 UTC-1N50_1109 Datasheet
177Kb / 6P
1.3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
600V,1.3A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com