Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60ZL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N60ZL-TN3-R
Description  1.2A, 600V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60ZL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N60ZL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60ZL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60ZL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60ZL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60ZL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60ZL-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N60Z
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-724.C
1.2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N60Z is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used at high
speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =11.5Ω@VGS = 10V.
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
2.Drain
3.Source
1.Gate
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
1N60ZL-T92-B
1N60ZG-T92-B
TO-92
G
D
S
Tape Box
1N60ZL-T92-K
1N60ZG-T92-K
TO-92
G
D
S
Bulk
1N60ZL-T92-R
1N60ZG-T92-R
TO-92
G
D
S
Tape Reel
1N60ZL-TN3-R
1N60ZG-TN3-R
TO-252
G
D
S
Tape Reel
1N60ZL-TN3-T
1N60ZG-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain S: Source
(1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube
(2) T92: TO-92, TN3: TO-252
(3) G: Halogen Free, L: Lead Free
1N60ZL-T92-B
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - 1N60ZL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60ZL-TN3-R UTC-1N60ZL-TN3-R Datasheet
289Kb / 7P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - 1N60ZL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
1N60 UTC-1N60_11 Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60P UTC-1N60P Datasheet
274Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N65 UTC-1N65 Datasheet
297Kb / 6P
1.2A, 650V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
1.2A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ1N60 DGNJDZ-NJ1N60 Datasheet
587Kb / 6P
1.2A 600V N-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com