Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N65AL-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N65AL-T92-R
Description  0.5A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65AL-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N65AL-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 6Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 7Page - Unisonic Technologies 1N65AL-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N65A
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-584.B
0.5A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N65A is a high voltage power MOSFET designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications at power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =15.5Ω@VGS = 10V.
* Ultra Low gate charge (typical 8.0nC)
* Low reverse transfer capacitance (CRSS = 3.0 pF(max))
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
1N65AL-T92-B
1N65AG-T92-B
TO-92
GD
S
Tape Box
1N65AL-T92-K
1N65AG-T92-K
TO-92
GD
S
Bulk
1N65AL-T92-R
1N65AG-T92-R
TO-92
GD
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) T92: TO-92
(3) G: Halogen Free, L: Lead Free
1N65AL-T92-B
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - 1N65AL-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N65AL-T92-B UTC-1N65AL-T92-B Datasheet
210Kb / 9P
N-CHANNEL POWER MOSFET
1N65AL-T92-K UTC-1N65AL-T92-K Datasheet
210Kb / 9P
N-CHANNEL POWER MOSFET
More results

Similar Description - 1N65AL-T92-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A_11 Datasheet
218Kb / 8P
0.5A, 600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com