Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N70L-T92-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 1N70L-T92-R
Description  1.2A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N70L-T92-R Datasheet(HTML) 6 Page - Unisonic Technologies

  1N70L-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 6Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 7Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-171,C
TYPICAL CHARACTERISTICS
100
10-1
101
10-1
100
Drain-Source Voltage, VDS (V)
Output Characteristics
250μs Pulse Test
TC=25℃
10-2
VGS
Top: 15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottorm:5.5V
100
10-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
-40℃
125℃
25℃
VDS=50V
250μs Pulse Test
0
0.0
Drain Current, ID (A)
0.5
1.0
2.5
VGS=10V
TJ=25℃
VGS=20V
1.5
2.0
5
10
15
25
30
On-Resistance vs. Drain Current
20
100
10-1
0.2
Source-Drain Voltage, VSD (V)
Source- Drain Diode Forward Voltage
1.6
25℃
0.4
0.6
0.8
1.0
1.2
1.4
125℃
VGS=0V
250μs Pulse Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com