Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N70L-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N70L-T92-R
Description  1.2A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N70L-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N70L-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 6Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 7Page - Unisonic Technologies 1N70L-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N70
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-171,C
1.2A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N70 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =13.5Ω@VGS = 10V.
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
1N70L-T92-B
1N70G-T92-B
TO-92
G
D
S
Tape Box
1N70L-T92-K
1N70G-T92-K
TO-92
G
D
S
Bulk
1N70L-T92-R
1N70G-T92-R
TO-92
G
D
S
Tape Reel


Similar Part No. - 1N70L-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N70L-T92-B UTC-1N70L-T92-B Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
1N70L-T92-B UTC-1N70L-T92-B Datasheet
308Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
1N70L-T92-K UTC-1N70L-T92-K Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
1N70L-T92-K UTC-1N70L-T92-K Datasheet
308Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - 1N70L-T92-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
1.2A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
10A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com