Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N65G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N65G-TN3-R
Description  1.2A, 650V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1N65G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N65G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N65G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N65G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N65G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N65G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-579.B
ELECTRICAL CHARACTERISTICS (TC=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100 nA
Breakdown Voltage Temperature Coefficient
△
BVDSS/T
△ J ID=250μA
0.4
V/℃
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.6A
9.5 12.5
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V,
f=1MHz
120 150
pF
Output Capacitance
COSS
20
25
pF
Reverse Transfer Capacitance
CRSS
3.0
4.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=325V, ID=1.2A,
RG=50Ω (Note 2,3)
5
20
ns
Turn-On Rise Time
tR
25
60
ns
Turn-Off Delay Time
tD(OFF)
7
25
ns
Turn-Off Fall Time
tF
25
60
ns
Total Gate Charge
QG
VDS=520V, VGS=10V,
ID=1.2A (Note 2,3)
5.0
6.0
nC
Gate-Source Charge
QGS
1.0
nC
Gate-Drain Charge
QGD
2.6
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS =1.2A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
1.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
4.8
A
Reverse Recovery Time
trr
VGS=0V, IS=1.2A
dIF/dt=100A/μs (Note 1)
160
ns
Reverse Recovery Charge
QRR
0.3
μC
Note:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse Width ≤300μs, Duty Cycle≤2%
3. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com