Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N65G-TN3-R Datasheet (PDF) - Unisonic Technologies

1N65G-TN3-R Datasheet PDF - Unisonic Technologies
Part # 1N65G-TN3-R
Download  1N65G-TN3-R Download
File Size   297.85 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 650V N-CHANNEL POWER MOSFET

1N65G-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N65G-TN3-R Datasheet PDF - Unisonic Technologies

Part # 1N65G-TN3-R
Download  1N65G-TN3-R Click to download

File Size   297.85 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 650V N-CHANNEL POWER MOSFET

1N65G-TN3-R Datasheet (HTML) - Unisonic Technologies


1N65G-TN3-R Product details

DESCRIPTION
The UTC 1N65 is a high voltage power MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. This power MOSFET is usually used in the high speed switching applications of power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.

FEATURES
* RDS(ON) <12.5Ω @ VGS=10V, ID=0.6A
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 1N65G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N65G-TN3-R UTC-1N65G-TN3-R Datasheet
326Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 1N65G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60_11 Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60P UTC-1N60P Datasheet
274Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60Z UTC-1N60Z Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
1.2A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
Nanjing International G...
NJ1N60 DGNJDZ-NJ1N60 Datasheet
587Kb / 6P
1.2A 600V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com