Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N65L-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N65L-T92-R
Description  1.2A, 650V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65L-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N65L-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N65L-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N65L-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N65L-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N65L-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N65L-T92-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N65
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-579.B
1.2A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N65 is a high voltage power MOSFET and is designed
to have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in the high speed
switching applications of power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =12.5Ω@VGS = 10V.
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1
TO-251
TO-252
1
TO-220
1
1
TO-220F
SOT-223
1
1
TO-92
TO-126
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
1N65L-AA3-R
1N65G-AA3-R
SOT-223
G
D
S
Tape Reel
1N65L-T92-B
1N65G-T92-B
TO-92
G
D
S
Tape Box
1N65L-T92-K
1N65G-T92-K
TO-92
G
D
S
Bulk
1N65L-T92- R
1N65G-T92- R
TO-92
G
D
S
Tape Reel
1N65L-TA3-T
1N65G-TA3-T
TO-220
G
D
S
Tube
1N65L-TF3-T
1N65G-TF3-T
TO-220F
G
D
S
Tube
1N65L-TM3-T
1N65G-TM3-T
TO-251
G
D
S
Tube
1N65L-TN3-R
1N65G-TN3-R
TO-252
G
D
S
Tape Reel
1N65L-TN3-T
1N65G-TN3-T
TO-252
G
D
S
Tube
1N65L-T60-K
1N65G-T60-K
TO-126
G
D
S
Bulk
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 1N65L-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N65L-T92-B UTC-1N65L-T92-B Datasheet
326Kb / 7P
N-CHANNEL POWER MOSFET
1N65L-T92-K UTC-1N65L-T92-K Datasheet
326Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 1N65L-T92-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60_11 Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60P UTC-1N60P Datasheet
274Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60Z UTC-1N60Z Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
1.2A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
Nanjing International G...
NJ1N60 DGNJDZ-NJ1N60 Datasheet
587Kb / 6P
1.2A 600V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com