Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM6341ZP10A Datasheet(PDF) 7 Page - Motorola, Inc

Part # SCM6341ZP10A
Description  128K x 24 Bit Static Random Access Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP10A Datasheet(HTML) 7 Page - Motorola, Inc

Back Button SCM6341ZP10A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 9Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCM6341
7
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled; See Notes 1, 2, 3, and 4)
P
Sb l
MCM6341–10
MCM6341–11
MCM6341–12
MCM6341–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
10
—
11
—
12
—
15
—
ns
5
Address Setup Time
tAVWL
0
—
0
—
0
—
0
—
ns
Address Valid to End of Write
tAVWH
9
—
10
—
10
—
12
—
ns
Address Valid to End of Write (G
High)
tAVWH
8
—
9
—
9
—
10
—
ns
Write Pulse Width
tWLWH
tWLEH
9
—
10
—
10
—
12
—
ns
Write Pulse Width (G High)
tWLWH
tWLEH
8
—
9
—
9
—
10
—
ns
Data Valid to End of Write
tDVWH
4
—
5
—
5
—
6
—
ns
Data Hold Time
tWHDX
0
—
0
—
0
—
0
—
ns
Write Low to Data High–Z
tWLQZ
0
5
0
6
0
6
0
7
ns
6, 7, 8
Write High to Output Active
tWHQX
3
—
3
—
3
—
3
—
ns
6, 7, 8
Write Recovery Time
tWHAX
0
—
0
—
0
—
0
—
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
4. E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
5. All write cycle timings are referenced from the last valid address to the first transitioning address.
6. Transition is measured
± 200 mV from steady–state voltage.
7. This parameter is sampled and not 100% tested.
8. At any given voltage and temperature, tWLQZ max < tWHQX min both for a given device and from device to device.
DATA VALID
HIGH–Z
HIGH–Z
tAVAV
tAVWH
tWHAX
tWHDX
tWHQX
tWLWH
tAVWL
tDVWH
tWLQZ
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tWLEH
WRITE CYCLE 1 (W Controlled; See Notes 1, 2, 3, and 4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com