Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM6341ZP10A Datasheet(PDF) 3 Page - Motorola, Inc

Part # SCM6341ZP10A
Description  128K x 24 Bit Static Random Access Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP10A Datasheet(HTML) 3 Page - Motorola, Inc

  SCM6341ZP10A Datasheet HTML 1Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MCM6341
3
MOTOROLA FAST SRAM
TRUTH TABLE (X = Don’t Care)
E1
E2
E3
G
W
Mode
I/O Pin
Cycle
Current
H
X
X
X
X
Not Selected
High–Z
—
ISB1, ISB2
X
L
X
X
X
Not Selected
High–Z
—
ISB1, ISB2
X
X
H
X
X
Not Selected
High–Z
—
ISB1, ISB2
L
H
L
H
H
Output Disabled
High–Z
—
IDDA
L
H
L
L
H
Read
Dout
Read
IDDA
L
H
L
X
L
Write
High–Z
Write
IDDA
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage Relative to VSS
VDD
– 0.5 to + 5.0
V
Voltage Relative to VSS for Any Pin
Except VDD
Vin, Vout
– 0.5 to VDD + 0.5
V
Output Current (per I/O)
Iout
± 20
mA
Power Dissipation
PD
1.0
W
Temperature Under Bias
Commercial
Industrial
Tbias
– 10 to + 85
– 45 to + 90
°C
Storage Temperature — Plastic
Tstg
– 55 to + 150
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid ap-
plication of any voltage higher than maximum
rated voltages to these high–impedance circuits.
This CMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board and
transverse air flow of at least 500 linear feet per
minute is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com