Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N90G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N90G-TN3-R
Description  2A, 900V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N90G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N90G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-478.c
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (Note 2)
VDSS
900
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
2.2
A
Pulsed (Note 2)
IDM
8.8
A
Avalanche Current (Note 2)
IAR
2.2
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
170
mJ
Repetitive (Note 2)
EAR
8.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-220
PD
85
W
TO-220F
25
TO-251/ TO-252
43
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 65mH, IAS = 2.2A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 2.2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
θJA
62.5
°C/W
TO-251/ TO-252
110
Junction to Case
TO-220F
θJC
1.47
°C/W
TO-220F
5
TO-251/ TO-252
2.85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com