Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N90G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N90G-TN3-R
Description  2A, 900V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N90G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N90G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N90G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N90
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-478.c
2A, 900V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N90 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide costumers with planar stripe
and DMOS technology. This technology specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 2N90 is universally applied in high efficiency switch
mode power supply.
FEATURES
* RDS(ON) = 7.2Ω @VGS = 10 V
* Typically 5.5 pF low CRSS
* High switching speed
* Typically 12nC low gate charge
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N90L-TA3-T
2N90G-TA3-T
TO-220
G
D
S
Tube
2N90L-TF3-T
2N90G-TF3-T
TO-220F
G
D
S
Tube
2N90L-TM3-T
2N90G-TM3-T
TO-251
G
D
S
Tube
2N90L-TN3-R
2N90G-TN3-R
TO-252
G
D
S
Tape Reel
2N90L-TN3-T
2N90G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 2N90G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N90G-TN3-R UTC-2N90G-TN3-R Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90G-TN3-R UTC-2N90G-TN3-R Datasheet
271Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N90G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
900V N-Channel Power MOSFET
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
logo
Unisonic Technologies
2N90Z UTC-2N90Z Datasheet
230Kb / 6P
2A, 900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
900V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com