Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5088L-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N5088L-T92-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5088L-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N5088L-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N5088L-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N5088L-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N5088/2N5089
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-040.Ba
ABSOLUTE MAXIMUM RATING (T
A=25℃, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter voltage
2N5088
VCEO
30
V
2N5089
25
Collector-Base voltage
2N5088
VCBO
35
V
2N5089
30
Emitter-Base Voltage
VEBO
4.5
V
Collector Current-Continuous
IC
100
mA
Power Dissipation
PD
625
mW
Derate Above 25℃
5
mW/℃
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note 1. These ratings are based on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty
cycle operations.
3. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA (T
A=25℃, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θ
JA
200
℃/W
Junction to Case
θ
JC
83.3
℃/W
ELECTRICAL CHARACTERISTICS (T
A=25℃, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter
Breakdown Voltage
2N5088
V(BR)CEO IC=1.0mA, IB=0 (Note)
30
V
2N5089
25
Collector-Base
Breakdown
Voltage
2N5088
V(BR)CBO IC=100μA, IE=0
35
V
2N5089
30
Collector Cut-Off Current
2N5088
ICBO
VCB=20V, IE=0
50
nA
2N5089
VCB=15V, IE=0
50
Emitter Cutoff Current
IEBO
VEB=3.0V, IC=0
50
nA
VEB=4.5V, IC=0
100
DC Current Gain
hFE
VCE=5.0V, IC=100μA
2N5088
300
900
2N5089
400
1200
VCE=5.0V, IC=1.0mA
2N5088
350
2N5089
450
VCE=5.0V, IC=10mA
(Note)
2N5088
300
2N5089
400
Collector-Emitter Saturation Voltage
VCE(SAT) IC=10mA, IB=1.0mA
0.5
V
Base-Emitter On Voltage
VBE(ON) IC=10mA, VCE=5.0V
0.8
V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
VCE=5.0mA, IC=500μA, f=20MHz
50
MHz
Collector-Base Capacitance
CCB
VCB=5.0V, IE=0, f=100kHz
4
pF
Emitter-Base Capacitance
CEB
VEB=0.5V, IC=0, f=100kHz
10
pF
Small-Signal Current Gain
2N5088
hFE
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
2N5089
450
1800
Noise Figure
2N5088
NF
VCE=5.0V, IC=100μA, RS=10kΩ,
f=10KHz ~ 15.7kHz
3.0
dB
2N5089
2.0
Note Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com