Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5088L-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N5088L-T92-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5088L-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N5088L-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N5088L-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N5088L-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N5088/2N5089
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., LTD
QW-R201-040.Ba
NPN GENERAL PURPOSE
AMPLIFIER
DESCRIPTION
The devices are designed for low noise, high gain, general
purpose amplifier applications at collector currents from 1
μA ~
50mA.
TO-92
1
ORDERING INFORMATION
Order Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N5088L-T92-B
2N5088G-T92-B
TO-92
E
B
C
Tape Box
2N5088L-T92-K
2N5088G-T92-K
TO-92
E
B
C
Bulk
2N5088L-T92-R
2N5088G-T92-R
TO-92
E
B
C
Tape Reel
2N5089L-T92-B
2N5089G-T92-B
TO-92
E
B
C
Tape Box
2N5089L-T92-K
2N5089G-T92-K
TO-92
E
B
C
Bulk
2N5089L-T92-R
2N5089G-T92-R
TO-92
E
B
C
Tape Reel
Note:
Pin Assignment: E: Emitter
B: Base
C: Collector


Similar Part No. - 2N5088L-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5088L-T92-R UTC-2N5088L-T92-R Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N5088L-T92-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N3904 UTC-2N3904_09 Datasheet
140Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com