Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7000G-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7000G-T92-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7000G-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7000G-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N7000G-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N7000G-T92-R Datasheet HTML 3Page - Unisonic Technologies 2N7000G-T92-R Datasheet HTML 4Page - Unisonic Technologies 2N7000G-T92-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7000
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd.
QW-R502-059.C
N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTC 2N7000 has been designed to minimize on-state
resistance while provide rugged, reliable, and fast switching
performance. It can be used in most applications requiring up to
400mA DC and can deliver pulsed currents up to 2A. The product is
particularly suited for low voltage, low current applications such as
small servo motor control, power MOSFET gate drivers, and other
switching applications
FEATURES
*High density cell design for low RDS(ON)
*Voltage controlled small signal switch
*Rugged and reliable
*High saturation current capability
SYMBOL
TO-92
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N7000L-T92-B
2N7000G-T92-B
TO-92
S
G
D
Tape Box
2N7000L-T92-K
2N7000G-T92-K
TO-92
S
G
D
Bulk
2N7000L-T92-R
2N7000G-T92-R
TO-92
S
G
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 2N7000G-T92-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N7000G STMICROELECTRONICS-2N7000G Datasheet
383Kb / 14P
N-channel 60V - 1.8ohm - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET
19-Jun-2006
logo
ON Semiconductor
2N7000G ONSEMI-2N7000G Datasheet
57Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
2N7000G ONSEMI-2N7000G Datasheet
92Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts
April, 2011 ??Rev. 8
More results

Similar Description - 2N7000G-T92-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com