Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002DWG-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002DWG-AL6-R
Description  300mA, 60V DUAL N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002DWG-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002DWG-AL6-R Datasheet HTML 1Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 2Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 3Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 4Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 5Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002DW
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-534.C
300mA, 60V DUAL
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 2N7002DW uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* High Density Cell Design for Low RDS(ON).
* Voltage Controlled Small Signal Switch
* Rugged and Reliable
* High Saturation Current Capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
12345
6
2N7002DWL-AL6-R
2N7002DWG-AL6-R
SOT-363
S1 G1 D2 S2 G2 D1
Tape Reel
MARKING
G: Halogen Free
L: Lead Free
3P


Similar Part No. - 2N7002DWG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002DWG-AL6-R UTC-2N7002DWG-AL6-R Datasheet
306Kb / 6P
300m Amps, 60 Volts DUAL N-CHANNEL POWER MOSFET
2N7002DWG-AL6-R UTC-2N7002DWG-AL6-R Datasheet
304Kb / 6P
DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - 2N7002DWG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002K UTC-2N7002K_12 Datasheet
164Kb / 3P
300mA, 60V N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002T UTC-2N7002T_12 Datasheet
162Kb / 3P
300mA, 60V N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W_12 Datasheet
158Kb / 3P
300mA, 60V N-CHANNEL POWER MOSFET
2N7002Z UTC-2N7002Z_12 Datasheet
183Kb / 4P
300mA, 60V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZDW UTC-2N7002ZDW_12 Datasheet
177Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZT UTC-2N7002ZT_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZW UTC-2N7002ZW_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Central Semiconductor C...
PB_CEDM7002AE-1509 CENTRAL-PB_CEDM7002AE-1509 Datasheet
1Mb / 2P
60V, 300mA N-Channel MOSFET
logo
TRINAMIC Motion Control...
TMC1620-TO TRINAMIC-TMC1620-TO Datasheet
1Mb / 12P
Dual N & P-Channel 60V Power MOSFET
logo
Will Semiconductor Ltd.
WNMD2165 WILLSEMI-WNMD2165 Datasheet
1Mb / 7P
Dual N-Channel, 60V, 0.32A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com