Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002LL Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002LL
Description  60V, 115mA N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002LL Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002LL Datasheet HTML 1Page - Unisonic Technologies 2N7002LL Datasheet HTML 2Page - Unisonic Technologies 2N7002LL Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002LL
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-284.d
60V, 115mA
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N7002LL uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON) = 7.5Ω @VGS = 10 V
* Low Reverse Transfer Capacitance ( CRSS = typical 5 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
2.Gate
1.Source
3. Drain
SOT-23-3
1
2
3
(JEDEC TO-236)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N7002LLK-AE2-R
2N7002LLG-AE2-R
SOT-23-3
S
G
D
Tape Reel
MARKING


Similar Part No. - 2N7002LL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002LL UTC-2N7002LL Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
2N7002LLG-AE2-R UTC-2N7002LLG-AE2-R Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
2N7002LLG-AE2-R UTC-2N7002LLG-AE2-R Datasheet
143Kb / 3P
N-CHANNEL POWER MOSFET
2N7002LL UTC-2N7002LL_15 Datasheet
143Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N7002LL

ManufacturerPart #DatasheetDescription
logo
Rohm
RK7002 ROHM-RK7002 Datasheet
112Kb / 4P
Interface and switching (60V, 115mA)
logo
SeCoS Halbleitertechnol...
S2N7002K SECOS-S2N7002K Datasheet
1,011Kb / 3P
115mA, 60V N-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
2N7002LL UTC-2N7002LL Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
2N7002L UTC-2N7002L_10 Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
logo
Rohm
RK7002T116 ROHM-RK7002T116 Datasheet
115Kb / 4P
Interface and switching (60V, 115mA)
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com