Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002ZG-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002ZG-AE2-R
Description  300mA, 60V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002ZG-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002ZG-AE2-R Datasheet HTML 1Page - Unisonic Technologies 2N7002ZG-AE2-R Datasheet HTML 2Page - Unisonic Technologies 2N7002ZG-AE2-R Datasheet HTML 3Page - Unisonic Technologies 2N7002ZG-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002Z
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-273.G
300mA, 60V N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DESCRIPTION
The UTC 2N7002Z uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON) <7.5Ω
* Low Reverse Transfer Capacitance (CRSS = typical 3.0 pF)
* ESD Protected
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N7002ZL-AE2-R
2N7002ZG-AE2-R
SOT-23-3
S
G
D
Tape Reel
MARKING


Similar Part No. - 2N7002ZG-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002ZG-AE2-R UTC-2N7002ZG-AE2-R Datasheet
169Kb / 4P
300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZG-AE2-R UTC-2N7002ZG-AE2-R Datasheet
183Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 2N7002ZG-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002K UTC-2N7002K_12 Datasheet
164Kb / 3P
300mA, 60V N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002T UTC-2N7002T_12 Datasheet
162Kb / 3P
300mA, 60V N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W_12 Datasheet
158Kb / 3P
300mA, 60V N-CHANNEL POWER MOSFET
2N7002ZDW UTC-2N7002ZDW_12 Datasheet
177Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZT UTC-2N7002ZT_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZW UTC-2N7002ZW_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com