Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4774G-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC4774G-AL3-R
Description  HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4774G-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4774G-AL3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4774G-AL3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4774G-AL3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4774G-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4774
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R220-017,B
TYPICAL CHARACTERISTIC
0
1
0
10
10mA
Ta=25℃
IB=0μA
8
6
4
2
23
45
Grounded Emitter Output Characteristics (Ⅰ)
Collector to Emitter Voltage, VCE (V)
5mA
15mA
20mA
25mA
30mA
35mA
0
0.1
0
50
Ta=25℃
IB=0mA
40
30
Grounded Emitter Output Characteristics (Ⅱ)
Collector to Emitter Voltage, VCE (V)
0.1mA
0.2mA
0.3mA
20
10
0.2
0.3
0.4
0.5
0.4
mA
0.5
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com