Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4774G-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4774G-AL3-R
Description  HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4774G-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4774G-AL3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4774G-AL3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4774G-AL3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4774G-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC4774
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R220-017,B
HIGH FREQUENCY AMPLIFIER
TRANSISTOR, RF SWITCHING
(6V, 50mA)
FEATURES
* Very low output-on resistance (RON).
* Low capacitance.
ORDERING INFORMATION
Order Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC4774L-AL3-R
2SC4774G-AL3-R
SOT-323
E
B
C
Tape Reel
MARKING
C47
L: Lead Free
G: Halogen Free


Similar Part No. - 2SC4774G-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4774G-AB3-R UTC-2SC4774G-AB3-R Datasheet
249Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
More results

Similar Description - 2SC4774G-AL3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
High frequency amplifier transistor RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4137 ROHM-2SC4137_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4774 ROHM-2SC4774_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774_15 Datasheet
249Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
2SK508 UTC-2SK508_15 Datasheet
161Kb / 3P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com