Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N60L-TN3-R
Description  3A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 3N60L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N60
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-110,G
3A, 600V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N60 is a high voltage and high current power
MOSFET , designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have
a high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power
supplies, PWM motor controls, high efficient DC to DC converters
and bridge circuits.
FEATURES
* VDS = 600V, ID = 3A
* RDS(ON) = 3.6Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N60L-TA3-T
3N60G-TA3-T
TO-220
G
D
S
Tube
3N60L-TF1-T
3N60G-TF1-T
TO-220F1
G
D
S
Tube
3N60L-TF3-T
3N60G-TF3-T
TO-220F
G
D
S
Tube
3N60L-TM3-R
3N60G-TM3-R
TO-251
G
D
S
Tube
3N60L-TN3-R
3N60G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 3N60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60L-TN3-R UTC-3N60L-TN3-R Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60L-TN3-R UTC-3N60L-TN3-R Datasheet
399Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
3N60L-TN3-R VBSEMI-3N60L-TN3-R Datasheet
1Mb / 9P
Power MOSFET
logo
Unisonic Technologies
3N60L-TN3-R UTC-3N60L-TN3-R Datasheet
698Kb / 8P
3.0A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60SD STMICROELECTRONICS-STGB3NB60SD Datasheet
336Kb / 8P
N-CHANNEL 3A - 600V D2PAK Power MESH™ IGBT
Nov-2000
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Jun-1999
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Mar-2000
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60A UTC-3N60A Datasheet
382Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60Z UTC-3N60Z Datasheet
368Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60K UTC-3N60K Datasheet
383Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3C60 AOSMD-AOD3C60 Datasheet
261Kb / 6P
600V,3A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com