Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N70AL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N70AL-TN3-R
Description  700V, 3A N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N70AL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N70AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N70AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N70AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N70AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N70AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N70AL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N70AL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N70A
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-620.A
700V, 3A
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N70A is a high voltage and high current power
MOSFET designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and high
rugged avalanche characteristics. This power MOSFET is usually
used in the high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) ≤4.0Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N70AL-TN3-R
3N70AG-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - 3N70AL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70 UTC-3N70 Datasheet
273Kb / 7P
3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
3N70 NJSEMI-3N70 Datasheet
148Kb / 1P
NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Unisonic Technologies
3N70 UTC-3N70 Datasheet
248Kb / 7P
3A, 700V N-CHANNEL POWER MOSFET
3N70G-TM3-T UTC-3N70G-TM3-T Datasheet
273Kb / 7P
3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
3N70G-TM3-T UTC-3N70G-TM3-T Datasheet
248Kb / 7P
3A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N70AL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
3N70_1109 UTC-3N70_1109 Datasheet
248Kb / 7P
3A, 700V N-CHANNEL POWER MOSFET
3N70K UTC-3N70K Datasheet
270Kb / 7P
3A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com