Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N40G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N40G-TN3-R
Description  6A, 400V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N40G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  6N40G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-487.d
6A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N40 is an N-Channel enhancement mode power
MOSFET using UTC’s perfect planar stripe, DMOS technology to
provide customers with superior switching performance and
minimum on-state resistance. It also can withstand high energy
pulse in the avalanche and commutation mode.
The UTC 6N40 is generally used in applications , such as
electronic lamp ballasts based on half bridge topology and high
efficiency switched mode power supplies.
FEATURES
* RDS(ON)=1.0Ω @ VGS=10V
* Fast switching speed
* Improved dv/dt capability
SYMBOL
TO-220
1
1
TO-220F
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
6N40L-TA3-T
6N40G-TA3-T
TO-220
G
D
S
Tube
6N40L-TF3-T
6N40G-TF3-T
TO-220F
G
D
S
Tube
6N40L-TN3-R
6N40G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 6N40G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N40G-TN3-R UTC-6N40G-TN3-R Datasheet
189Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - 6N40G-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH™ I MOSFET
Mar-2001
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
6A, 400V and 500V N-Channel IGBTs
March 1997
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
6A 400V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com