Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY41-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KPY41-R
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY41-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KPY41-R Datasheet HTML 1Page - Siemens Semiconductor Group KPY41-R Datasheet HTML 2Page - Siemens Semiconductor Group KPY41-R Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPY 41-R
KPY 46-R
Semiconductor Group
2
Absolute Maximum Ratings
Parameter
Symbol
Limit Value
Unit
Pressure overload
KPY 41 R
KPY 42 R
KPY 43 R
KPY 44 R
KPY 45 R
KPY 46 R
P
MAX
2
6
10
16
30
40
bar
Operating temperature range
T
A
− 40 …+ 125 ˚C
Storage temperature range
T
stg
− 50 …+ 150 ˚C
Supply voltage
V
IN
12
V
Electrical Characteristics
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Bridge resistance
R
B
4
−
8k
Ω
Sensitivity
KPY 41 R
KPY 42 R
KPY 43 R
KPY 44 R
KPY 45 R
KPY 46 R
s
16.8
11.0
5.6
4.0
1.8
0.88
24.0
15.0
8.8
6.0
2.6
1.2
32.0
24.0
12.5
9.0
4.0
2.0
mV/Vbar
Output voltage
KPY 41 R
KPY 42 R
KPY 43 R
KPY 44 R
KPY 45 R
KPY 46 R
V
fin
21
33
45
80
90
110
30
45
70
120
130
150
40
72
100
180
200
250
mV
Offset voltage
P = P
0
V
0
− 25
−+ 25
mV
Linearity error (Best fit straight line)
F
L
%
V
fin
P
0 = P0 … PN
KPY 41
… 45 R
KPY 46 R
−± 0.15
± 0.15
± 0.35
−
Pressure hysteresis
P1 = P0, P2 = PN,
P3 = P0
KPY 41
… 46 R
P
H
−± 0.1
−
%
V
fin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com