Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY41-R Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # KPY41-R
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY41-R Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  KPY41-R Datasheet HTML 1Page - Siemens Semiconductor Group KPY41-R Datasheet HTML 2Page - Siemens Semiconductor Group KPY41-R Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KPY 41-R
KPY 46-R
Semiconductor Group
3
Package Outline
Electrical Characteristics
at
T
1 = 25 ˚C, T2 = 125 ˚C, T3 = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature coefficient of
V
fin
KPY 41 R
KPY 42 R
KPY 43 R
KPY 44 R
KPY 45 R
KPY 46 R
TC
Vfin
− 0.19
− 0.19
− 0.19
− 0.19
− 0.19
− 0.19
− 0.13
− 0.15
− 0.16
− 0.17
− 0.17
− 0.17
− 0.09
− 0.12
− 0.13
− 0.14
− 0.14
− 0.15
%/K
Temperature coefficient of
V
0
KPY 41 R
KPY 42 R
KPY 43 R
KPY 44 R
KPY 45 R
KPY 46 R
TC
V0
− 0.05
− 0.05
− 0.03
− 0.03
− 0.03
− 0.03
−
−
−
−
−
−
+ 0.05
+ 0.05
+ 0.03
+ 0.03
+ 0.03
+ 0.03
%/K
Temperature coefficient of
R
B
KPY 41
… 46 R
TC
RB
−+ 0.095 −
%/K
Temperature hysteresis of
V
0; Vfin
KPY 41 R
KPY 42 R
KPY 43
… 46 R
TH
− 0.7
− 0.5
− 0.3
−
−
−
+ 0.7
+ 0.5
+ 0.3
% v.
V
fin
TO-8-4
Dimensions in mm
Weight approx. 3.2 g
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com