Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1186L-XX-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1186L-XX-AF5-R
Description  600mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186L-XX-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L1186L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L1186
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-319.F
ELECTRICAL CHARACTERISTICS (Cont.)
Adjusted Voltage
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage
VIN
Note1
7
V
Reference Voltage
VREF
1.196 1.215 1.234
V
Output Voltage Accuracy
VOUT
IOUT=1mA
-1.5
1.5
%
Line Regulation
OUT
OUT
V
V
Δ
VIN=VOUT+VD~7V, IOUT=1mA
-0.15
0.15
%
Load Regulation
OUT
OUT
V
V
Δ
IOUT=1mA
VIN=VOUT+1~VOUT+2
1.4V<VOUT≤2.0V
-0.15
0.15
%
2.0V<VOUT<4.0V
-0.1
0.02
0.1
Output Current
IOUT
VOUT>1.3V
600
mA
Current Limit
ILIMIT
VOUT>1.3V
600
800
mA
Short Circuit Current
ISC
VOUT<0.8V
300
600
mA
Adjusted Current
IADJ
IOUT=0mA
30
50
μA
Ground Pin Current
IGND
IOUT=1mA~600mA
35
μA
Dropout Voltage
VD
VOUT=VO(NOM)-2.0%, IOUT =600mA
600
mV
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
30
°C
Temperature Coefficient of
Output Voltage
TCVO
30
ppm/°C
Power Supply Rejection
PSRR
IOUT =100mA
COUT=2.2μF ceramic
CBYP=0.01μF
f=1kHz
40
dB
f=10kHz
20
dB
f=100kHz
15
dB
Output Voltage Noise
eN
f=10Hz~100kHz, IOUT =10mA
COUT=2.2μF , CBYP=0.1μF
30
μVrms
EN Input Threshold
VEH
VIN=2.7V~7V
2.0
VIN
V
VEL
VIN=2.7V~7V
0
0.4
V
EN Input Bias Current
IEH
VEN=VIN, VIN=2.7V~7V
0.1
μA
IEL
VEN=0V, VIN=2.7V~7V
0.5
μA
Shutdown Supply Current
ISD
VIN=5V, VOUT =0V, VEN<VEL
0.5
1
μA
PG Leakage Current
ILC
VPG=7V
1
μA
Notes:1. VIN(MIN)=VOUT+VD
2. To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage
must be applied before a current source load is applied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com