Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1186L-XX-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L1186L-XX-AF5-R
Description  600mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186L-XX-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L1186L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1186L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L1186
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-319.F
TYPICAL APPLICATION CIRCUIT
Fixed Voltage
L1186
INPUT
C1
GND
VIN
VOUT
OUTPUT
C3
2.2μF
+
C2
BYP
EN
5V
1μF0.1μF
Adjusted Voltage
IN
GND
ADJ
OUT
IN
R2
R1
OUT
C3
2.2µF
C2
100p
C1
1µF
+
EN
VOUT = 1.215 ( R1/R2 +1 )
C2 is unnecessary if R1 or R2 < 20 K
R1 and R2 use resistance value within 1% accuracy for correct for correct VOUT
EN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com