Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2800G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L2800G-P08-R
Description  SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2800G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L2800G-P08-R Datasheet HTML 1Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 2Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 3Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 4Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 5Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 6Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L2800
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R103-030,B
SWITCHING REGULATOR
CONTROLLER(LOW VOLTAGE)
DESCRIPTION
The UTC L2800 which is incorporating a soft start function and
short circuit detection function is a single-channel switching
regulator control IC and is made for low voltage applications.
Because the device has a low minimum operating voltage of 1.8V,
so it is ideal for the power supply of battery-operated electronic
equipment.
FEATURES
*Wide supply voltage operating range: 1.8V~15V
*Low current consumption: Typically 5.5mA in operation,1μA or
less in stand-by
*High speed operation is possible: Maximum 1MHz
*The error amplifier gain is set inside the IC, so peripheral
components are minimized.
*Incorporates a soft start circuit.
*Incorporates a timer-latch type short circuit detection circuit (SCP).
*Totem-pole type output with adjustable on/off current (for NPN
transistors)
*Incorporates a stand-by function.
SOP-8
TSSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L2800L-S08-T
L2800G-S08-T
SOP-8
Tube
L2800L-S08-R
L2800G-S08-R
SOP-8
Tape Reel
L2800L-P08-T
L2800G-P08-T
TSSOP-8
Tube
L2800L-P08-R
L2800G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - L2800G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - L2800G-P08-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
136Kb / 9P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
Low Voltage Switching Regulator Controller
logo
fujitsu semiconductor
MB3800 FUJITSU-MB3800_06 Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com