Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8562L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8562L-S08-R
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8562L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8562L-S08-R Datasheet HTML 1Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 2Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 3Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 4Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 5Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L8562
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R119-018.C
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Analog Inputs & Outputs
INV, COMP MULT
-0.3 ~ 7
V
Current Sense Input
CS
-0.3 ~ 7
V
Iq+Iz (IGD = 0)
IVCC
30
mA
Output Totem Pole Peak Current (2ms)
IGD
±700
mA
Zero Current Detector
ZCD
50 (source)
-10 (sink)
mA
mA
Power Dissipation @ TA=50℃
SOP-8
PD
1
W
DIP-8
0.65
W
Junction Temperature
TJ
125
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS (VCC=12V, TA=-25℃ ~ 125℃, unless otherwise specified)
PARAMETER
PIN
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE SECTION
Operating Range
8
VCC
after turn-on
11
18
V
Turn-on Threshold
8
VCC(ON)
14
15.3
16.5
V
Turn-off Threshold
8
VCC OFF
7.2
7.9
8.7
V
Hysteresis
8
Hys
6.5
8.3
V
SUPPLY CURRENT SECTION
Start-up Current
8
ISTART-U
VCCON-1V
30
50
μA
Quiescent Current
8
Iq
6
9
mA
Operating Supply Current
8
ICC
CL=1nF @ 70KHz
10
15
mA
In OVP condition Vpin1=2.7V
6.8
mA
Quiescent Current
8
Iq
VPIN5≤150mA, VCC>VCC off
6
mA
8
VPIN5≤150mV, VCC<VCC off
4
7
10
μA
Zener Voltage
8
VZ
ICC=20mA
18
21
24
V
ERROR AMPLIFIER SECTION
Voltage Feedback Input
Threshold
1
VINV
TA=25℃
2.465
2.5
2.535
V
10.3V<VCC<18V
2.44
2.56
V
Line Regulation
VCC=10.3 ~ 18V
3
5
mV
Input Bias Current
1
IINV
-0.1
-1
μA
Voltage Gain
GV
Open loop
60
80
dB
Gain Bandwidth
GB
0.8
MHz
Source Current
2
ICOMP
VCOMP=4V, VINV=2.4V
-2
-4
-8
mA
Sink Current
VCOMP=4V, VINV=2.6V
2.5
4.5
mA
Upper Clamp Voltage
2
VCOMP
ISOURCE=0.5mA
4.5
5
5.5
V
Lower Clamp Voltage
ISINK=0.5mA
2.25
2.4
2.55
V
MULTIPLIER SECTION
Linear Operating Voltage
3
VMULT
0~ 2.5 0 ~ 3.5
V
Output Max.Slope
V
CS
V
MULT
VMULT=from 0V ~ 0.5V
VCOMP=Upper Clam Voltage
1.65
1.9
Gain
K
VMULT=1V, VCOMP=4V
0.5
0.7
0.9
1/V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com