Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8562L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8562L-S08-R
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8562L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L8562L-S08-R Datasheet HTML 1Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 2Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 3Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 4Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 5Page - Unisonic Technologies L8562L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L8562
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R119-018.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
PIN SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE COMPARATOR
Current Sense Reference Clamp
4
VCS
VMULT=2.5V
VCOMP=Upper Clamp Voltage
1.6
1.7
1.8
V
Input Bias Current
4
ICS
VOS=0
-0.05
-1
μA
Delay to Output
4
tD(H-L)
200
450
ns
ZERO CURRENT DETECTOR
Input Threshold Voltage Rising Edge
5
VZCD
(Note)
2.1
V
Hysteresis
(Note)
0.4
0.6
0.8
V
Upper Clamp Voltage
5
VZCD
IZCD=20μA
5.9
6.5
7
.3
V
Upper Clamp Voltage
5
VZCD
IZCD=2.5mA
6.1
6.6
7.5
V
Lower Clamp Voltage
5
VZCD
IZCD=-2.5mA
0.3
0.7
1
V
Sink Bias Current
5
IZCD
1V V
ZCD 4.5V
2
μA
Source Current Capability
5
IZCD
-3
-10
mA
Sink Current Capability
5
IZCD
3
10
mA
Disable threshold
5
VDIS
100
200
300
mV
Restart Current After Disable
5
IZCD
VZCD<VDIS, VCC>VCCOFF
-20
-50
μA
OUTPUT SECTION
Dropout Voltage
7
VGD
IGD(SOURCE)=200mA
1.2
2
V
IGD(SOURCE)=20mA
0.8
1.2
V
IGD(SINK)=200mA
1.2
1.9
V
Output Voltage Rise Time
7
tR
CL=1nF
40
100
ns
Output Voltage Fall Time
7
tF
CL=1nF
40
100
ns
IGD Sink Current
7
IGD(OFF) VCC=3.5V, VGD=1V
10
40
mA
OUTPUT OVERVOLTAGE SECTION
OVP Triggering Current
2
IOVP
30
40
50
μA
Static OVP Threshold
2.25
2.4
2.55
V
RESTART TIMER
Start Timer
tSTART
70
130
300
μs
Note: Parameter guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com