Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY51-RK Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # KPY51-RK
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY51-RK Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  KPY51-RK Datasheet HTML 1Page - Siemens Semiconductor Group KPY51-RK Datasheet HTML 2Page - Siemens Semiconductor Group KPY51-RK Datasheet HTML 3Page - Siemens Semiconductor Group KPY51-RK Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KPY 51-RK
KPY 57-RK
Semiconductor Group
4
Package Outline
Temperature hysteresis of
V
0; Vfin
TH
% v.
V
fin
KPY 51 RK
KPY 52 RK
KPY 53
… 57 RK
− 0.7
− 0.5
− 0.3
−
−
−
+ 0.7
+ 0.5
+ 0.3
Electrical Characteristics (cont’d)
at
T
1 = 25 ˚C, T2 = 125 ˚C, T3 = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
TO-8-6
Weight approx. 4.5 g
Dimension in mm
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com