Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY51-RK Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KPY51-RK
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY51-RK Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KPY51-RK Datasheet HTML 1Page - Siemens Semiconductor Group KPY51-RK Datasheet HTML 2Page - Siemens Semiconductor Group KPY51-RK Datasheet HTML 3Page - Siemens Semiconductor Group KPY51-RK Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KPY 51-RK
KPY 57-RK
Semiconductor Group
2
1) Frontside coupling applies pressure onto chip face.
Rearside coupling applies pressure through Kovar centre tube.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
1)
Unit
Frontside Rearside
Pressure overload
KPY 51 RK
KPY 52 RK
KPY 53 RK
KPY 54 RK
KPY 55 RK
KPY 56 RK
KPY 57 RK
P
MAX
2
6
10
16
30
75
100
2
6
10
16
30
40
70
bar
Operating temperature range
T
A
− 40 …+ 125
˚C
Storage temperature range
T
stg
− 50 …+ 150
˚C
Supply voltage
V
IN
12
V
Electrical Characteristics
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Bridge resistance
R
B
4
−
8k
Ω
Sensitivity
KPY 51 RK
KPY 52 RK
KPY 53 RK
KPY 54 RK
KPY 55 RK
KPY 56 RK
KPY 57 RK
s
16.8
11.0
5.6
4.0
1.8
0.88
0.47
24.0
15.0
8.8
6.0
2.6
1.2
0.67
32.0
24.0
12.5
9.0
4.0
2.0
1.0
mV/
Vbar
Output voltage
KPY 51 RK
KPY 52 RK
KPY 53 RK
KPY 54 RK
KPY 55 RK
KPY 56 RK
KPY 57 RK
V
fin
21
33
45
80
90
110
140
30
45
70
120
130
150
200
40
72
100
180
200
250
300
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com