Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3XXYYBL-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR3XXYYBL-AG6-R
Description  150mA 2CH LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3XXYYBL-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR3XXYYBL-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR3XXYYB
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R125-002.Db
MARKING INFORMATIONS
PACKAGE
VOLTAGE CODE
MARKING
XX
YY
SOT-26
15:1.5V
30:3.0V
15:1.5V
28:2.8V
15:1.5V
33:3.3V
18:1.8V
33:3.3V
18:1.8V
28: 2. 8V
18:1.8V
30: 3. 0V
28:2.8V
12: 1. 2V
28:2.8V
15: 1. 5V
28:2.8V
18: 1. 8V
28:2.8V
33: 3. 3V
33:3.3V
15: 1. 5V
33:3.3V
18: 1. 8V
33:3.3V
28: 2. 8V
33:3.3V
33: 3. 3V
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN1
Channel 1’s output enable control Pin
2
VIN
Voltage Input pin
3
EN2
Channel 2’s output enable control Pin
4
VOUT2
Channel 2’s voltage output
5
GND
Ground
6
VOUT1
Channel 1’s voltage output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com