Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3XXYYBL-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR3XXYYBL-AG6-R
Description  150mA 2CH LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3XXYYBL-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR3XXYYBL-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR3XXYYBL-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR3XXYYB
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R125-002.Db
150mA 2CH LDO REGULATOR
DESCRIPTION
The UTC LR3XXYYB are CMOS voltage regulator ICs that
have high output voltage accuracy, low dropout, low supply current,
and high ripple rejection. Every voltage regulator IC of UTC
LR3XXYYB
series consists of an error amplifier, a voltage reference
unit, a current limit circuit, resistors for setting output voltage, and a
chip enable circuit.
Due to built-in transistor with low ON resistance and a chip
enable function these ICs perform with low dropout voltage prolongs
the battery life of each system. The load transient response and line
transient response of the UTC LR3XXYYB Series are excellent, so
these ICs are suitable for hand-held communication equipment
power supply.
FEATURES
* Low supply current: Typ. 60µA
* Standby mode:
Typ. 0.1µA
* Low dropout voltage
* High ripple rejection
* Low temperature-drift coefficient of output voltage
* Excellent line regulation
* High output voltage accuracy
* Output voltage stepwise setting with a step of 0.1V in the range of
1.5V ~ 3.3V is possible
* Built-in fold-back protection circuit Typ. 40mA
(current at short mode)
* Ceramic capacitor is recommended. (1.0µF or more)
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR3XXYYBL-AG6-R
LR3XXYYBG-AG6-R
SOT-26
Tape Reel
Note: XXYY: Output Voltage, refer to Marking Information.


Similar Part No. - LR3XXYYBL-AG6-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
More results

Similar Description - LR3XXYYBL-AG6-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
R5323X RICOH-R5323X Datasheet
603Kb / 31P
150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
150mA 2ch LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
Automatic Mode Shift 2ch 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com