Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3033 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3033
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3033 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3033 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary Datasheet
2
Jan. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3033
Figure 2. Pin Configuration of AP3033 (Top View)
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1
SW
Switch Pin. Connect external inductor and Schottky
2
GND
Ground Pin
3
FB
Voltage Feedback Pin. Reference voltage is 200mV
4
CTRL
Enable and Dimming Control Pin. Connect to a high input to enable the IC or a low input to
disable the IC. If logic low time is more than about 0.45ms and then enable the IC, the
AP3033 will soft start to protect system departments. If logic low time is less than about
0.45ms and then enable the IC, the AP3033 will hold on standby mode and start directly to
achieve high frequency dimming
5
OV
Over-voltage Protection Input Pin. Connect to the output directly or connect to the VOUT
through a resistor divider to set the OVP voltage. On OVP condition, the output voltage will
be clamped
6VIN
Input Supply Pin. Must be locally bypassed
(TSOT-23-6)
SW
GND
FB
VIN
OV
CTRL
KT Package
1
2
34
5
Pin 1 Dot by Marking
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com